Part Number Hot Search : 
91SAM BAR7508S LT1768 NTXV1N BCR16 2SA1461 VISHAY M93C76
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10 SERIES
SINGLE-PHASE GLASS BRIDGE
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 VOLTS PRV CURRENT 10 Amperes
FEATURES
Surge overload rating-200 amperes peak Low forward voltage drop Mounting Position: Any Electrically isolated base-1800 Volts Solderable .25" FASTON terminals Materials use carries U/L recognition
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20%.
KBPC10005 KBPC1001
KBPC1002
KBPC1004
KBPC1006
KBPC1008
KBPC1010
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current @ TC=55 C
0
VRRM VRMS VDC V(AV)
50 35 50
100 70 100
200 140 200
400 280 400 10
600 420 600
800 560 800
1000 700 1000
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load(JEDEC Mehtod) Maximum DC Forward Voltage drop per element at 7.5A DC Maximum DC Reverse Current at rated DC Blocking Voltage I t Rating for fusing (t<8.3ms) Typical Thermal Resistance(Note.1) Operating Temperature Range Storage Temperature Range R
2
IFSM
200
A
VF
@ TA=250C @ TA=1000C
1.2 10 1
373 2.5
0
V
IR It JC TJ TSTG
2
A
A AS C/W
0 2
-55 to +125 -55 to +150
C C
0
KBPC10 SERIES
SINGLE-PHASE GLASS BRIDGE
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES KBPC10 SERIES
Fig.2 - DERATING CURVE FOR Fig.1 - MAXIMUM FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT AMPERES
OUTPUT RECTIFIED CURRENT
300
PEAK FORWARD SURGE CURRENT.(A)
20
250 200 150 100 50 0 1 10 100
15
10
5
0
50 100 150
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE, 0 C
Fig.3 - TYPICAL FORWARD CHARACTERISTICS
100
Fig.4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
1.0
1.0
0.1
TJ=250C
0.1
.01 0 .01 .4 .6 .8 1.0 1.2 1.4 1.6 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLT AGE, VOLTS


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X